|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
June 2007 HYB39SC256[80/16]0FE HYI39SC256[80/16]0FF 256-MBit Synchronous DRAM Green Product SDRAM Internet Data Sheet Rev. 1.25 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM HYB39SC256[80/16]0FE, HYI39SC256[80/16]0FF Revision History: 2007-06, Rev. 1.25 Page All 41 8 11,12 18 6 6 13 13 15 19 21 21 22 22 6 Subjects (major changes since last revision) Adapted internet edition Corrected in figure 28 (auto refresh) tRC to tRFC Corrected figure 1 Corrected block diagram Added text for Auto Refresh Command (CBR) Corrected ball DQ0 to 2,8A for data signals x16 organization Corrected data Data Signal Bus [7:0] for data signals x8 organization Corrected operation command "Power Down / Clock suspend ..." in truth table Corrected operation command "Power Down Exit" to X (WE#) Corrected text to "After the mode register is set a NOP command is required" , chapter 3.2 Corrected text to "One clock delay is required for mode entry and exit", chapter 3.4 Corrected the line "Input Capacitances: CK" in table 10, chapter 4 Corrected to A0-A12 in table 10, chapter 4 Corrected tCK MIN in table 13 Corrected CLE setup time in table 13 Corrected A6 position from H to 3H in table 3 Previous Revision: 2007-06, Rev. 1.24 Previous Revision: 2007-06, Rev. 1.23 Previous Revision: 2007-06, Rev. 1.22 Previous Revision: 2007-06, Rev. 1.21 Previous Revision: 2007-05, Rev. 1.2 Previous Revision: 2007-05, Rev. 1.11 Previous Revision: 2006-09, Rev. 1.1 We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: techdoc@qimonda.com qag_techdoc_rev400 / 3.2 QAG / 2006-07-21 03062006-NMGU-CQ9D 2 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 1 1.1 * * * * * * * * * * * Overview Features * * * * * * * Auto Refresh (CBR) and Self Refresh Power Down and Clock Suspend Mode 8192 refresh cycles / 64 ms (7.8 s) Random Column Address every CLK (1-N Rule) Single 3.3 V 0.3 V Power Supply LVTTL Interface Plastic Packages - PG-TSOPII-54 (400mil width) - PG-TFBGA-54 (12 mm x 8 mm) * RoHS compliant product This chapter lists all main features of the product family HY[B/I]39SC256[80/16]0F[E/F] and the ordering information. Fully Synchronous to Positive Clock Edge 0 to 70 C Operating Temperature for HYB... -40 to 85 C Operating Temperature for HYI... Four Banks controlled by BA0 & BA1 Programmable CAS Latency: 2 & 3 Programmable Wrap Sequence: Sequential or Interleave Programmable Burst Length: 1, 2, 4, 8 and full page Multiple Burst Read with Single Write Operation Automatic and Controlled Precharge Command Data Mask for Read / Write control (x8, x16) Data Mask for Byte Control (x16) TABLE 1 Performance Product Type Speed Code Speed Grade Max. Clock Frequency @CL3 -6 PC166-333 -7 PC143-333 PC133-2221) 143 7 5.4 7.5 5.4 Unit -- MHz ns ns ns ns @CL2 1) Max. Frequency CL/tRCD / tRP fCK3 tCK3 tAC3 tCK2 tAC2 166 6 5.4 7.5 5.4 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 3 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 1.2 Description output circuits are synchronized with the positive edge of an externally supplied clock. Operating the four memory banks in an interleave fashion allows random access operation to occur at a higher rate than is possible with standard DRAMs. A sequential and gapless data rate is possible depending on burst length, CAS latency and speed grade of the device. Auto Refresh (CBR) and Self Refresh operation are supported. These devices operate with a single 3.3 V 0.3 V power supply. All 256-Mbit components are available in PG- TSOPII-54 and PG-TFBGA-54 packages. The HY[B/I]39SC256[80/16]0F[E/F] are four bank Synchronous DRAM's organized as 16 MBit x8 and 8 Mbit x16 respectively. These synchronous devices achieve high speed data transfer rates for CAS latencies by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock. The chip is fabricated with Qimonda advanced 0.11 m 256-MBit DRAM process technology. The device is designed to comply with all industry standards set for synchronous DRAM products, both electrically and mechanically. All of the control, address, data input and TABLE 2 Ordering Information for RoHS Compliant Products Product Type1) HYB39SC256800FE-6 HYB39SC256160FE-6 HYB39SC256800FE-7 HYB39SC256800FEH-7 HYB39SC256160FE-7 HYB39SC256160FEH-7 HYB39SC256160FF-6 HYB39SC256160FF-7 HYB39SC256800FF-7 Industrial Operating Temperature (-40 to 85 C) HYI39SC256800FE-6 HYI39SC256160FE-6 HYI39SC256800FE-7 HYI39SC256160FE-7 PC133-222 PC166-333 166MHz 16M x8 SDRAM 166MHz 8M x16 SDRAM 143MHz 16M x8 SDRAM 143MHz 8M x16 SDRAM PG-TSOPII-54 2) Speed Grade PC166-333 PC133-222 Description 166MHz 16M x8 SDRAM 166MHz 8M x16 SDRAM 143MHz 16M x8 SDRAM 143MHz 8M x16 SDRAM Package PG-TSOPII-54 Note 2) Standard Operating Temperature (0 to 70 C) PC166-333 PC133-222 166MHz 8M x16 SDRAM 143MHz 8M x16 SDRAM 143MHz 8M x8SDRAM PG-TFBGA-54 2) 1) Please check with your Qimonda representative that leadtime and availability of your preferred device and version meet your project requirements. 2) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury, lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers. Note: For product nomenclature see Chapter 6 of this data sheet Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 4 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 2 Configuration This chapter contains the pin configuration table, the TSOP and FBGA package drawing, and the block diagrams for the x8, x16 organization of the SDRAM. 2.1 Pin Configuration Listed below are the pin configurations sections for the various signals of the SDRAM TABLE 3 Pin Configuration of the SDRAM Pin No. Name Pin Type I I I I I I I I I I I I I I I I I I I I I Buffer Type LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL Address Signal, Address Signal 10/Auto precharge Chip Select Bank Address Signals 1:0 Function Clock Signals x8/x16 Organization 38,2F 37,3F 18, 8F 17, 7F 16, 9F 19, 9G 20, 7G 21, 8G 23, 7H 24, 8H 25, 8J 26, 7J 29, 3J 30, 2J 31, 3H 32, 2H 33, 1H 34, 3G 22, 9H 35, 2G 36, 1G CLK CKE RAS CAS WE CS BA0 BA1 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 Clock Signal CK Clock Enable Row Address Strobe (RAS), Column Address Strobe (CAS), Write Enable (WE) Control Signals x8/x16 Organization Address Signals x8/x16 Organization Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 5 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Pin No. Name Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PWR PWR PWR PWR Buffer Type LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL LVTTL -- -- -- -- Function Data Signals x8 Organization 2, 8A 5, 8B 8, 8C 11, 8D 44, 2D 47, 2C 50, 2B 53, 2A 2, 8A 4, 9B 5, 8B 7, 9C 8, 8C 10, 9D 11, 8D 13, 9E 42, 1E 44, 2D 45, 1D 47, 2C 48, 1C 50, 2B 51, 1B 53, 2A 39, 1F 39, 1F 15, 8E 3B, 3D, 7A, 7C 7E, 9A, 9J 3A, 3C, 7B, 7D 1J, 1A, 3E DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQM UDQM LDQM VDDQ VDD VSSQ VSS Data Signal Bus [7:0] Data Signals x16 Organization Data Signal Bus [15:0] Data Mask x8 Organization Data Mask Data Mask Upper Byte Data Mask Lower Byte Power Supply Power Supply Power Supply Ground for DQs Power Supply Ground Data Mask x16 Organization Power Supplies x8/x16 Organization Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 6 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Pin No. Name Pin Type NC Buffer Type -- Function Not connected x8 Organization 7, 10, 13, NC 15, 40, 42, 45, 48, 51, 1B, 1C, 1D, 1E, 2E, 8E, 9B, 9C, 9D, 9E 40, 2E NC Not connected Not connected x16 Organization NC -- Not connected FIGURE 1 Pin Configuration PG-TSOPII-54 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 7 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Ballout for x16 Components, PG-TFBGA-54 (top view) FIGURE 2 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 8 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Ballout for x8 components, PG-TFBGA-54 (top view) FIGURE 3 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 9 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 3 Functional Description TABLE 4 Truth Table: Operation Command This chapter lists all defined commands and their usage for this Synchronous DRAM. Operation Bank Active Bank Precharge Precharge All Write Write with Auto precharge Read Read with Auto precharge Mode Register Set No Operation Burst Stop Device Deselect Auto Refresh Self Refresh Entry Self Refresh Exit Power Down/ Clock Suspend Entry Power Down/ Clock Suspend Exit Data Write/ Output Enable Data Write/ Output Disable Device State Idle3) Any Any Active3) Active 3) CKE n-11)2) H H H H H H H H H H H H H L H L H H CKE n1)2) X X X X X X X X X X X H L H L H X X DQM 1)2) BA0 BA11)2) V V X V V V V V X X X X X X X X X X AP= A101)2) V L H L H L H V X X X X X X X X X X Addr. CS1 RAS 1)2) )2) 1)2) CAS1 WE )2) 1)2) X X X X X X X X X X X X X X X X L H V X X V V V V V X X X X X X X X X X L L L L L L L L L L H L L H L H L H L X X L L L H H H H L H H X L L X H X H X H X X H H H L L L L L H H X L L X H X H X H X X H L L L L H H L H L X H H X X X H X H X X Active3) Active Idle Any Active Any Idle Idle Idle (Self Refr.) Active or Idle or Burst Active or Idle or Burst Active Active 3) 1) V = Valid, x = Don't Care, L = Low Level, H = High Level 2) CKEn signal is input level when commands are provided, CKEn-1 signal is input level one clock before the commands are provided. 3) This is the state of the banks designated by BA0, BA1 signals. Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 10 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM TABLE 5 Mode Register Definition (BA[1:0] = 00B) Field BL Bits [2:0] Type w Description Burst Length Number of sequential bits per DQ related to one read/write command, see Table 6 Note: All other bit combinations are RESERVED 000B 001B 010B 011B 111B BT 3 1 2 4 8 Full Page (Sequential burst type only) Burst Type Sequential 0B 1B Interleaved CAS Latency Number of full clocks from read command to first data valid window. Note: All other bit combinations are RESERVED. 010B 2 011B 3 CL [6:4] TM [8:7] Test Mode Note: All other bit combinations are RESERVED. 00B Mode register set Write Burst Length 0B Burst write 1B Single bit write Reserved, set to zero WBL 9 [12:10] Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 11 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM TABLE 6 Burst Length and Sequence Burst Length Starting Column Address A2 2 4 0 0 1 1 8 0 0 0 0 1 1 1 1 FullPage Notes 1. 2. 3. 4. For a burst length of two, A1-Ai selects the two-data-element block; A0 selects the first access within the block. For a burst length of four, A2-Ai selects the four-data-element block; A0-A1 selects the first access within the block. For a burst length of eight, A3-Ai selects the eight-data- element block; A0-A2 selects the first access with in the block. Whenever a boundary of the block is reached within a given sequence above, the following access wraps within the block. n 0 0 1 1 0 0 1 1 A1 A0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Order of Accesses Within a Burst Type=Sequential 0-1 1-0 0-1-2-3 1-2-3-0 2-3-0-1 3-0-1-2 0-1-2-3-4-5-6-7 1-2-3-4-5-6-7-0 2-3-4-5-6-7-0-1 3-4-5-6-7-0-1-2 4-5-6-7-0-1-2-3 5-6-7-0-1-2-3-4 6-7-0-1-2-3-4-5 7-0-1-2-3-4-5-6 Cn, Cn+1, Cn+2 .... Type=Interleaved 0-1 1-0 0-1-2-3 1-0-3-2 2-3-0-1 3-2-1-0 0-1-2-3-4-5-6-7 1-0-3-2-5-4-7-6 2-3-0-1-6-7-4-5 3-2-1-0-7-6-5-4 4-5-6-7-0-1-2-3 5-4-7-6-1-0-3-2 6-7-4-5-2-3-0-1 7-6-5-4-3-2-1-0 Not supported Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 12 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 4 4.1 Electrical Characteristics Operating Conditions TABLE 7 Absolute Maximum Ratings Parameter Symbol Limit Values Min. Max. +4.6 +4.6 +4.6 +70 +85 +150 1 50 Unit Note/ Test Condition Input / Output voltage relative to VSS Voltage on VDD supply relative to VSS Voltage on VDDQ supply relative to VSS Operating Temperature for HYB... Operating Temperature for HYI... Storage temperature range Power dissipation per SDRAM component Data out current (short circuit) VIN, VOUT VDD VDDQ TA TA TSTG PD IOUT -1.0 -1.0 -1.0 0 -40 -55 -- -- V V V C C C W mA Attention: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Maximum ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit. Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 13 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM TABLE 8 DC Characteristics Parameter Symbol Values Min. Max. Unit Note/ Test Condition V V V V V A A 1) 1) 1)2) 1)2) 1) 1) VDD I/O Supply Voltage VDDQ Input high voltage VIH Input low voltage VIL Output high voltage (IOUT = - 4.0 mA) VOH Output low voltage (IOUT = 4.0 mA) VOL Input leakage current, any input (0 V < VIN < VDD, all other inputs = 0 V) IIL IOL Output leakage current (DQs are disabled, 0 V < VOUT < VDDQ) Supply Voltage 3.0 3.0 2.0 2.4 -- -5 -5 3.6 3.6 VDDQ + 0.3 V -- 0.4 +5 +5 -0.3 +0.8 1) All voltages are referenced to VSS 2) VIH may overshoot to VDDQ + 2.0 V for pulse width of < 4ns with 3.3 V. VIL may undershoot to -2.0 V for pulse width < 4.0 ns with 3.3 V. Pulse width measured at 50% points with amplitude measured peak to DC reference. TABLE 9 Input and Output Capacitances Parameter Symbol Values Min. Input Capacitances: CK Input Capacitance (A0-A12, BA0, BA1, RAS, CAS, WE, CS, CKE, DQM) Input/Output Capacitance (DQ) 1) VDD,VDDQ = 3.3 V 0.3 V, f = 1 MHz, TA see Table 7 CI1 CI2 CI0 2.5 2.5 4.0 Max. 3.5 3.8 6.0 pF pF pF 1)2) 1)2) Unit Note 1)2) 2) Capacitance values are shown for TSOP-54 packages. Capacitance values for TFBGA packages are lower by 0.5 pF TABLE 10 IDD Conditions Parameter Operating Current Precharge Standby Current No Operating Current Burst Operating Current Auto Refresh Current Self Refresh Current One bank active, Burst length = 1 Power down mode Non-power down mode Active state (max. 4 banks) Read command cycling Auto Refresh command cycling Self Refresh Mode, CKE=0.2 V, tCK=infinity Symbol IDD1 IDD2P IDD2N IDD3N IDD3P IDD4 IDD5 IDD6 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 14 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM TABLE 11 IDD Specifications and Conditions Symbol Test Condition -6 100 2 26 40 5 65 168 25 3 -7 80 2 22 35 5 57 142 25 3 Unit mA mA mA mA mA mA mA mA mA Note 1) 2)3) 1) 1) 1) 1) 1)3) 4) IDD1 IDD2P IDD2N IDD3N IDD3P IDD4 IDD5 IDD6 tRC = tRC(min), IO = 0 mA CS =VIH (min.), CKE VIL(max) CS =VIH (min.), CKE VIH(min) CS = VIH(min), CKE VIH(min.) CS = VIH(min), CKE VIL(max.) -- tRFC= tRFC(min) tRFC= 15.6 s -- 1) VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V, TA see Table 7 2) These parameters depend on the cycle rate. All values are measured at 133 MHz for -7 with the outputs open. Input signals are changed once during tCK. 3) These parameters are measured with continuous data stream during read access and all DQ toggling. CL=3 and BL=4 is assumed and the VDDQ current is excluded. 4) tRFC= tRFC(min) "burst refresh", tRFC= 15.6 s "distributed refresh". Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 15 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 4.2 AC Characteristics TABLE 12 AC Timing - Absolute Specifications Parameter Symbol -7 PC143-333 Min. Max. -- -- 5.4 5.4 -- -- 1.2 -- -- -- -- -- 7 -- -- 100k -- -- -- -- 64 -- -- -- 7 2 -6 PC166-333 Min. 6 7.5 -- -- 2 2 0.3 1.5 0.8 1.5 0.8 2 0 15 15 36 60 60 12 1 - 1 2.5 0 3 -- Max. -- -- 5.4 5.4 -- -- 1.2 -- -- -- -- -- 6 -- -- 100k -- -- -- -- 64 -- -- -- 6 2 Unit Note1)2)3) Clock and Clock Enable Clock Frequency Access Time from Clock tCK tAC 7 7.5 -- -- 2.5 2.5 0.3 1.5 0.8 1.5 0.8 2 0 15 15 37 60 63 14 1 - 1 3 0 3 -- ns ns ns ns ns ns ns ns ns ns ns CL3 CL2 CL3 CL2 3)4)5) Clock High Pulse Width Clock Low Pulse Width Transition time Setup and Hold Times Input Setup Time Input Hold Time CKE Setup Time CKE Hold Time Mode Register Set-up to Active delay Power Down Mode Entry Time Common Parameters Row to Column Delay Time Row Precharge Time Row Active Time Row Cycle Time Row Cycle Time during Auto Refresh Activate(a) to Activate(b) Command period CAS(a) to CAS(b) Command period Refresh Cycle Refresh Period (8192 cycles) Self Refresh Exit Time Data Out Hold Time Read Cycle Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency tCH tCL tT tIS tIH tCKS tCKH tRSC tSB tRCD tRP tRAS tRC tRFC tRRD tCCD tREF tSREX tOH tLZ tHZ tDQZ 6) 6) 6) 6) tCK ns ns ns ns ns ns ns 7) 7) 7) 7) 7) tCK ms tCK ns ns ns 3)5) tCK Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 16 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Parameter Symbol -7 PC143-333 Min. Max. -- -- -- -6 PC166-333 Min. 12 -- 0 Max. -- -- -- Unit Note1)2)3) Write Cycle Last Data Input to Precharge (Write without Auto Precharge) Last Data Input to Activate (Write with Auto Precharge) DQM Write Mask Latency tWR tDAL(min.) tDQW 14 -- 0 ns 8) tCK tCK 9) 1) TA = 0 to 70 C; VSS = 0 V; VDD, VDDQ = 3.3 V 0.3 V, tT = 1 ns 2) For proper power-up see the operation section of this data sheet. 3) AC timing tests for LV-TTL versions have VIL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown in figure below. Specified tAC and tOH parameters are measured with a 50 pF only, without any resistive termination and with an input signal of 1V / ns edge rate between 0.8 V and 2.0 V. 4) If clock rising time is longer than 1 ns, a time (tT/2 - 0.5) ns has to be added to this parameter. 5) Access time from clock tac is 4.6 ns for PC133 components with no termination and 0 pF load, Data out hold time toh is 1.8 ns for PC133 components with no termination and 0 pF load. 6) If tT is longer than 1 ns, a time (tT - 1) ns has to be added to this parameter. 7) These parameter account for the number of clock cycles and depend on the operating frequency of the clock, as follows: the number of clock cycles = specified value of timing period (counted in fractions as a whole number) 8) It is recommended to use two clock cycles between the last data-in and the precharge command in case of a write command without AutoPrecharge. One clock cycle between the last data-in and the precharge command is also supported, but restricted to cycle times tCK greater or equal the specified tWR value, where tck is equal to the actual system clock time. 9) When a Write command with Auto Precharge has been issued, a time of tDAL(min) has be fullfilled before the next Activate Command can be applied. For each of the terms, if not already an integer, round up to the next highest integer. tCK is equal to the actual system clock time. FIGURE 4 Measurement conditions for tAC and tOH t CH CLO C K 1 .4 V tCL t IH tT 2 .4 V 0 .4 V t IS IN P U T tA C t LZ OUTPUT 1 .4 V tAC tOH 1.4 V I/O t HZ IO.vsd 50 pF Measurement conditions for tAC and tOH Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 17 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 5 Package Outlines FIGURE 5 Package Outline PG-TSOPII-54 (top view) Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 18 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM FIGURE 6 Package Outline PG-TFBGA-54-15 Notes 1. Drawing according to ISO 8015 2. Dimensions in mm 3. General tolerances +/- 0.15 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 19 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM 6 Product Nomenclature TABLE 13 Examples for Nomenclature Fields For reference the Qimonda SDRAM component nomenclature is enclosed in this chapter. Example for Field Number 1 2 39 39 3 SC SC 4 256 256 5 80 16 6 7 0 0 8 F F 9 F E 10 -- -- 11 -6 -7 SDRAM SDRAM HYB HYI TABLE 14 Memory Components Field 1 2 3 4 Description Qimonda Component Prefix Interface Voltage [V] DRAM Technology Component Density [Mbit] Values HYB HYI 39 SC 128 256 512 5+6 Number of I/Os 40 80 16 7 8 Product Variations Die Revision 0 .. 9 C D F 9 10 11 Package, Lead-Free Status Power Speed Grade E F - -6 -7 Coding Memory components Memory components, industrial temperature range (-40 C - +85 C) 3.3 V Single Data Rate SDRAM Consumer Product 128 Mbit 256 Mbit 512 Mbit x4 x8 x16 look up table Third Fourth Fifth TSOP, lead- and halogen-free FBGA, lead- and halogen-free Standard power product PC166-333 PC143-333, PC133-222 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 20 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM List of Figures Figure 1 Figure 2 Figure 3 Figure 4 Figure 5 Figure 6 Pin Configuration PG-TSOPII-54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Ballout for x16 Components, PG-TFBGA-54 (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ballout for x8 components, PG-TFBGA-54 (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Measurement conditions for tAC and tOH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Package Outline PG-TSOPII-54 (top view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Package Outline PG-TFBGA-54-15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 21 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM List of Tables Table 1 Table 2 Table 3 Table 4 Table 5 Table 6 Table 7 Table 8 Table 9 Table 10 Table 11 Table 12 Table 13 Table 14 Performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ordering Information for RoHS Compliant Products. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Configuration of the SDRAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Truth Table: Operation Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Mode Register Definition (BA[1:0] = 00B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Burst Length and Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Input and Output Capacitances . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 IDD Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 IDD Specifications and Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 AC Timing - Absolute Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Examples for Nomenclature Fields . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Memory Components . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 22 Internet Data Sheet HY[B/I]39SC256[80/16]0F[E/F] 256-MBit Synchronous DRAM Table of Contents 1 1.1 1.2 2 2.1 3 4 4.1 4.2 5 6 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Package Outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Product Nomenclature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 List of Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 List of Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Table of Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Rev. 1.25, 2007-06 03062006-NMGU-CQ9D 23 Internet Data Sheet Edition 2007-06 Published by Qimonda AG Gustav-Heinemann-Ring 212 D-81739 Munchen, Germany (c) Qimonda AG 2007. All Rights Reserved. Legal Disclaimer The information given in this Internet Data Sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Qimonda hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Qimonda Office. Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Qimonda Office. Under no circumstances may the Qimonda product as referred to in this Internet Data Sheet be used in 1. Any applications that are intended for military usage (including but not limited to weaponry), or 2. Any applications, devices or systems which are safety critical or serve the purpose of supporting, maintaining, sustaining or protecting human life (such applications, devices and systems collectively referred to as "Critical Systems"), if a) A failure of the Qimonda product can reasonable be expected to - directly or indirectly (i) Have a detrimental effect on such Critical Systems in terms of reliability, effectiveness or safety; or (ii) Cause the failure of such Critical Systems; or b) A failure or malfunction of such Critical Systems can reasonably be expected to - directly or indirectly (i) Endanger the health or the life of the user of such Critical Systems or any other person; or (ii) Otherwise cause material damages (including but not limited to death, bodily injury or significant damages to property, whether tangible or intangible). www.qimonda.com |
Price & Availability of HYB39SC256160FE-6 |